PART |
Description |
Maker |
HT45F75 |
Body Fat Scale Flash MCU
|
Holtek Semiconductor In...
|
SCA68PFSG SCA68SFSG SCA80SFSG |
SCA CONNECTOR IDC FLAT CABLE TERMINATION
|
Adam Technologies, Inc.
|
87012-1008 |
1.27mm (.050) Pitch SCA-2 Plug, Through Hole, Right Angle, 40 Circuits, Lead-free
|
Molex Electronics Ltd.
|
0738260003 73826-0003 |
1.27mm (.050) Pitch EBBI 50D Receptacle, Press-fit, Vertical, SCA-2, 80 Circuits
|
Molex Electronics Ltd.
|
ACP-7000 ACP-7000BP-00RE ACP-7000BP-46RE |
7U 20-Slot Rackmount Chassis with 6 Hot-Swap Ultra320 SCSI SCA HDD Trays and RPS
|
Advantech Co., Ltd.
|
87641-1002 |
1.27mm (.050) Pitch SCA-2 Plug, Surface Mount, Right Angle, 40 Circuits, 0.76渭m (30渭) Gold (Au) Plating, with Plastic Locating Pegs, Lead-free 1.27mm (.050) Pitch SCA-2 Plug, Surface Mount, Right Angle, 40 Circuits, 0.76μm (30μ) Gold (Au) Plating, with Plastic Locating Pegs, Lead-free
|
Molex Electronics Ltd.
|
M38503M14H-700FP M38503M4-254FP M38503M2-403FP M38 |
NO-NIK KIT SCA-NN175-KIT SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
ML9204 ML9204-XX |
5 X 7 Dot Character 24-Digit 2-Line Display Controller/Driver with Character RAM (Built-in Key Scan) 5 X 7 Dot Character ?24-Digit ?2-Line Display Controller/Driver with Character RAM (Built-in Key Sca 5 X 7 Dot Character X 24-Digit X 2-Line Display Controller/Driver with Character RAM (Built-in Key Scan)
|
OKI[OKI electronic componets]
|
AT91R40008 AT91FR40161 AT91FR40162 AT91FR4042 AT91 |
The AT91R40807 features 136K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91R40008 features 256K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-scan cells on digital p The AT91M40800 features 8K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91FR4042 features 256K bytes of on-chip SRAM, 512K bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sc The AT91FR40162 features 256K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sca The AT91FR40161 features 136 K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91x40 Series does not feature boundary-scan AT91 ARM Thumb Microcontrollers
|
ATMEL Corporation
|
C202C102G5R5CA C056G102B5G5CM C522G102B1CJ5CM C056 |
IC-CMOS QUAD BILATERAL SW RoHS Compliant: Yes ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 18-Bit Universal Bus Transceivers with 3-State Outputs 56-SSOP -40 to 85 CAP 470PF 100V 0.2 NP0(C0G) RAD-.10IN .150X.210 CONF BULK Aluminum Electrolytic Radial Lead Audio Grade Capacitor; Capacitance: 2200uF; Voltage: 16V; Case Size: 12.5x20 mm; Packaging: Bulk TERMINAL BLOCK 5MM 11POS PCB CONNECTOR ACCESSORY 连接器附 1 U 23"-19" CONVERSION BRSCA-AB2301A 背面军事SPECIFCATIONS Replaced by DCP01B : Miniature 24V Input, 1W Isolated Unregulated DC/DC Converters 7-PDIP 背面军事SPECIFCATIONS MB 19C 19#20 PIN RECP 背面军事SPECIFCATIONS Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:16-26 背面军事SPECIFCATIONS 16-Bit Registered Transceivers with 3-State Outputs 56-TSSOP -40 to 85 背面军事SPECIFCATIONS PT 5C 5#16 PIN PLUG 背面军事SPECIFCATIONS 4-U 23"-19" CONVERSION BR 背面军事SPECIFCATIONS 2U 23"-19" CONVERSION BR 背面军事SPECIFCATIONS 122 x 32 pixel format, Compact LCD size 背面军事SPECIFCATIONS MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:100V; Continuous Drain Current, Id:9.2A; On-Resistance, Rds(on):0.27ohm; Package/Case:3-TO-220 背面军事SPECIFCATIONS 128 x 128 pixel format, LED Backlight available 背面军事SPECIFCATIONS 16-Bit Bus Transceivers with 3-State Outputs 48-TSSOP -40 to 85 背面军事SPECIFCATIONS MB 15C 14#20 1#16 PIN RECP 背面军事SPECIFCATIONS MB 15C 14#20 1#16 SKT RECP 背面军事SPECIFCATIONS Octal Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-SSOP/QSOP -40 to 85 背面军事SPECIFCATIONS Octal Transparent D-Type Latches with 3-State Outputs 20-SOIC -40 to 85 背面军事SPECIFCATIONS 16-Bit Transparent D-Type Latches with 3-State Outputs 48-TSSOP -40 to 85 背面军事SPECIFCATIONS 16-Bit Transparent D-Type Latches with 3-State Outputs 48-SSOP -40 to 85 背面军事SPECIFCATIONS PT 19C 19#20 PIN PLUG 背面军事SPECIFCATIONS PT 19C 19#20 SKT PLUG 背面军事SPECIFCATIONS STRAIN RELIEF BAR SCA-CMB-500 背面军事SPECIFCATIONS Miniature, 1W Isolated Unregulated DC/DC Converters 7-SOP 背面军事SPECIFCATIONS Octal Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -40 to 85 背面军事SPECIFCATIONS CB 7C 7#8 PIN RECP WALL 背面军事SPECIFCATIONS ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 MB 8C 8#20 PIN RECP 背面军事SPECIFCATIONS MILITARY SPECIFCATIONS ON BACK 背面军事SPECIFCATIONS For "AAA" "AA" "C" "D" "N" Cells Available in Solder Lug or PCB Mounting ConfigurationsBattery Size CRYSTAL 12.0 MHZ SERIES Circular Connector; No. of Contacts:5; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:14-5 T-NPN SI AF PO PD 100 W T-NPN-SI AF POWER AMP 16-Bit Buffers/Drivers with 3-State Outputs 48-TSSOP -40 to 85 128 x 64 pixel format, LED or EL Backlight available CAP 1000PF 50V 0.1 X7R RAD-.10IN .150X.230 CONF CRIMP-LEAD T&R CAP 1000PF 100V 0.02 NP0(C0G) RAD-.20IN .150X.230 CONF T&R PT 5C 5#16 SKT PLUG (Special) Bipolar Transistor; Transistor Polarity:N Channel; Power Dissipation:0.625W; C-E Breakdown Voltage:300V; DC Current Gain Min (hfe):25; Collector Current:0.5A; Package/Case:TO-92; Power (Ptot):0.625W CIRCUIT BREAKER ROCKER 15A SP BK TERMINAL BLOCK 5MM 9POS PCB MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:900V; Continuous Drain Current, Id:8A; On-Resistance, Rds(on):1.6ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-3P; Drain-Source Breakdown Voltage:900V Power Supply IC; Package/Case:3-TO-220; Leakage Current:500uA; Mounting Type:Through Hole; Number of Channels:1 Bipolar Transistor; Collector Emitter Voltage, Vceo:750V; Transistor Polarity:N Channel; Power Dissipation:100W; C-E Breakdown Voltage:1500V; Collector Current:8A; Package/Case:TO-3; Current Rating:8A; Voltage Rating:1500V MOSFET; Transistor Polarity:N Channel; Continuous Drain Current, Id:2.5A; On-Resistance, Rds(on):3ohm; Package/Case:3-TO-220; Drain Source On Resistance @ 10V:3ohm; Drain-Source Breakdown Voltage:500V; Mounting Type:Through Hole Voltage Ranges; 1kVDC, 2kVD & 3kVDC Isolation; UL94V-0 Package Material; Continuous Short Circuit Protection; Low Noise; No External Capacitor needed MILITARY SPECIFCATIONS ON BACK
|
Venkel, Ltd. Kemet Corporation
|
|